Part Number Hot Search : 
2B940A HBL2K IRFR9210 BU1006 E7405A GPTG2033 TSX631 ALE73B05
Product Description
Full Text Search
 

To Download FSH05A03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
T y p e : FSH05A03L FSH05
OULINE DRAWING
FEATURES *Similar to TO-220AC Case *Fully Molded Isolation *Extremely Low Forward Voltage Drop *Low Power Loss,High Efficiency *High Surge Capability *Tj=150 C operation
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Repetitive Peak Surge Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque
Approx Net Weight: 1.7g
Symbol
VRRM VRRSM IO IF(RMS) IFSM Tjw Tstg Ftor
FSH05A03L 30 35(pulse width 1s duty 1/50) 50 Hz half Sine Wave 5 Tc=132C Resistive Load 7.85 50Hz Half Sine Wave ,1cycle 120 Non-repetitive -40 to +150 -40 to +150 recommended torque = 0.5
Unit V V A A A
C C N*m
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol IRM VFM Rth(j-c) Rth(c-f) Conditions Tj= 25C, VRM= VRRM Tj= 25C, IFM= 5 A Junction to Case Cace to Fin Min. Typ. Max. 1 0.57 5 1.5 Unit mA V C /W C /W
FSH_A_ OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
FSH05A03L/FSH05A03LB
20
INSTANTANEOUS FORWARD CURRENT (A)
10
5
2 Tj=25C Tj=150C 1
0.5 0 0.2 0.4 0.6 0.8
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
FSH05A03L/FSH05A03LB
AVERAGE FORWARD POWER DISSIPATION (W)
D.C.
4
RECT 180
3
HALF SINE WAVE RECT 120
RECT 60
2
1
0 0 2 4 6 8
AVERAGE FORWARD CURRENT (A)
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 50 FSH05A03L/FSH05A03LB
PEAK REVERSE CURRENT (mA)
20
10 0 5 10 15 20 25 30 35
PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
FSH05A03L/FSH05A03LB
D.C.
1.4
AVERAGE REVERSE POWER DISSIPATION (W)
1.2
RECT 300
1.0
RECT 240
0.8
RECT 180
0.6
HALF SINE WAVE
0.4
0.2
0 0 5 10 15 20 25 30 35
REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
V RM =30 V FSH05A03L/FSH05A03LB
D.C.
8
AVERAGE FORWARD CURRENT (A)
6
RECT 180 HALF SINE WAVE RECT 120
4
RECT 60
2
0 0 25 50 75 100 125 150
CASE TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Sine Wave,Non-Repetitive,No Load 140 FSH05A03L/FSH05A03LB
120
SURGE FORWARD CURRENT (A)
100
80
60
40
I FSM 0.02s
20
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue FSH05A03L/FSH05A03LB
1000
JUNCTION CAPACITANCE (pF)
500
200
100 0.5 1 2 5 10 20 50
REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of FSH05A03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X